PART |
Description |
Maker |
0690081101 |
Die Set for 690081100, Shielded Plug, Cat 5, 8/8 Circuit, Short Body
|
Molex Electronics Ltd.
|
0-519024-2 0-519151-9 2-539787-1 1-519151-3 |
ERGOCRIMP Die Set for Mini Mic Rec. and Tab
|
Tyco Electronics
|
TLE5009A16 |
Available as single die and dual die with separate supplies for each die
|
Infineon Technologies A...
|
HYB18L2561 HYE25L256160AC-7.5 HYE25L256160AF-7.5 H |
HEX DIE SET,.052/.068/.100/.21 RT ANG PCB CONT .40/1.295 BULK BJAWBMSpecialty DRAMs Mobile-RAM BJAWBMSpecialty DRAM的移动RAM
|
http:// INFINEON[Infineon Technologies AG]
|
AM29BL802C_03 AM29BL802C AM29BL802CB80DGE1 AM29BL8 |
Am29BL802C (Known Good Die Supplement) 8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only, Burst-mode, Boot Sector Flash Memory-Die Revision 1
|
Advanced Micro Devices SPANSION[SPANSION]
|
ACTS74HMSR-02 |
Dual D Type Flip Flop with Set and Reset, Advanced Logic, CMOS; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) ACT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC14
|
Intersil, Corp.
|
IRF7807APBF IRF7807PBF IRF7807TRPBF |
N Channel Application Specific MOSFETs HEXFET㈢ Chip-Set for DC-DC Converters HEXFET? Chip-Set for DC-DC Converters
|
International Rectifier
|
SK10EL31W SK100EL31W |
D Filp-Flop with Set and Reset(10K系列,带设置和复位的D触发属高速ECL逻辑系列)) D Filp-Flop with Set and Reset(100K系列,带设置和复位的D触发属高速ECL逻辑系列)) 吸顶-翻牌的设置和复位00K的系列,带设置和复位触发器(属高速ECL逻辑系列))
|
Semtech Corporation Semtech, Corp.
|
SAA7221HS/C1 SAA7215HS/C2 SAA7216HS/C1 OM5730 |
STB5860 Set-Top Box STB concept SPECIALTY CONSUMER CIRCUIT, PQFP208 STB5860 (Set-Top Box) STB concept(STB5860机顶盒初步设
|
NXP Semiconductors N.V. Philips Semiconductors
|
SIDC01D60SIC2SAWN SIDC01D60SIC2UNSAWN |
Diodes - HV Chips - 600V, 4A die sawn Diodes - HV Chips - 600V, 4A die unsawn
|
Infineon
|
5951A |
Test Probe Set; Connector Type A:Replaceable-Tip Probe (1 Black/1 Red); Connector Type B:Right-Angle Banana Plug; Cable Length:4ft; Current Rating:5A; Features:2 Stainless Steel Sharp Replaceable Probe Tips RoHS Compliant: NA INTERCONNECTION DEVICE Test Probe Set Replaceable Tip
|
Pomona Electronics
|